Part Number Hot Search : 
4Z09B RA101 IF140 20010 HVL147 STLC8100 FG25A06 W5NB90
Product Description
Full Text Search
 

To Download AAT7203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT7203
Details are subject to change without notice
4+1-CHANNEL BUFFER FOR TFT LCD
FEATURES
4+1-Channel: 4 Channels with an Output Current of
30mA (MAX); 1 Vcom with an Output
GENERAL DESCRIPTION
The AAT7203 is a 4+1-channel buffer designed for thin film transistor liquid crystal display (TFT LCD). This device consists of a Vcom buffer circuit, two rail-to-rail buffer amplifier circuits, and 2 buffer amplifier circuits. Each buffer is capable of driving heavy capacitive loads and providing fast load current ( Vcom : 100mA, and the others: 30mA). AAT7203 comes in a compact TSSOP14 package, which makes it an ideal component for space-sensitive designs of LCD monitors and LCD TVs.
Current of 100mA (MAX) Unity Gain Buffer Capable of Driving Large Capacitive Loads Input Range Matched to LCD Reference Requirements
VDD Specified for 6.5V to 16V TSSOP14 Package
PIN CONFIGURATION
TOP VIEW
TSSOP14
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 1 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
PIN DESCRIPTION
PIN NO. NAME VDD I/O DESCRIPTION
1 2 3 4 5 6 7 8 9 10 11 12 13 14
I O O O O O I I I I I I I I
Power Supply Buffer Channel 1 Output Buffer Channel 2 Output Buffer Channel 3 Output Buffer Channel 4 Output Com Buffer Output Ground Ground Com Buffer Input Buffer Channel 4 Input Buffer Channel 3 Input Buffer Channel 2 Input Buffer Channel 1 Input Power Supply
o1 o2 o3 o4 O com GND GND I com i4 i3 i2 i1 VDD
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS Supply Voltage SYMBOL VDD VALUE +18
-0.5 to VDD + 0.5 -0.5 to VDD + 0.5 30
UNIT V
Input Voltage Output Voltage Output Loading Current for Gamma, Rail-to-Rail Buffer Output Loading Current for Com Buffer Maximum Junction Temperature Operating Temperature Storage Temperature Lead Temperature (Soldering for 10 Seconds)
VI VO IL TJ TC
Tstorage
---
V V mA mA o C
o o o
100 +125 - 20 to +85 - 45 to +125
C C C
260
Note: Values beyond absolute maximum ratings may cause permanent damage to the device.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 2 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
ELECTRICAL CHARACTTERISTICS (VDD=10V, TC=25oC UNLESS OTHERWISE SPECIFIED)
POWER SUPPLY PERFORMANCE PARAMETER TEST CONDITIONS MN TYP MAX UNITS
Power Supply Rejection Ratio Supply Current
PSRR IS
VDD varies from 6.5V to 16.0V
-
80 6.3
-
dB mA
INPUT CHARACTERISTICS PARAMETER TEST CONDITIONS MIN TYP MAX UNITS
Input Offset Voltage
VOS IB
VI = VDD /2, VO = VDD /2 VI = VDD /2, VO = VDD /2
-
2
12
mV
Input Bias Current
-
2
50
nA
Note 2: Slew rate is measured on rising and falling edges.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 3 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
ELECTRICAL CHARACTTERISTICS (VDD=10V, TC=25oC UNLESS OTHERWISE SPECIFIED)
OUTPUT CHARACTERISTICS PARAMETER TEST CONDITIONS MIN TYP MAX UNITS
Output Swing Low
VOL
I L =5mA (Buffer 1, 4) VI =0V I L =10mA (Buffer 2, 3) VI =1V I L = - 5 mA (Buffer 1, 4) VI =10V I L = - 10 mA (Buffer 2, 3) VI =9V I L =10mA, VI =5V I L = - 10 mA, VI =5V I L =50mA, VI =5V IL= - 50 mA, VI =5V (Buffer 2,3 ) (Com Buffer, Buffer 1, 4)
9.85 8.95 4.96 4.95 -
0.08 1.02 9.92 8.98 5.02 4.98 5.03 4.97 70 180
0.15 1.05 5.04 5.05 -
V V V V V V V V mA mA
Output Swing High
VOH
Output Swing (Buffer 2,3) Output Swing (COM) Short Circuit Current
VOL VOH VOL VOH I SC
AC CHARACTERISTICS Parameter Test Conditions VI =2V to 8V, 20% to 80% Min Typ Max Units
Slew Rate (Note 2)
SR ts
-
1
-
V/ s
s
Settling Time
VI =4.5V to 5.5V VI =5.5V to 4.5V
0.1% 0.1%
-
5
-
Note 2: Slew rate is measured on rising and falling edges.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 4 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
BLOCK DIAGRAM
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 5 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
APPLICATION CIRCUIT
10
1F
10
1F
10
1F
10
1F
10
1F
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 6 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
PACKAGE DIMENSION
TSSOP14
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 7 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
PACKAGE DIMENSION (CONT.)
TSSOP14 DIMENSIONS IN MILLIMETERS MIN TYP MAX DIMENSIONS IN INCHES MIN TYP MAX
SYMBOL
A A1 A2 b C D E E1 e L y
Note:
--0.05 0.80 0.19 0.09 4.90 --4.30 --0.45 --0o
----1.00 ----5.00 6.40 4.40 0.65 0.60 -----
1.20 0.15 1.05 0.30 0.20 5.10 --4.50 --0.75 0.076 8o
--0.002 0.031 0.007 0.0035 0.193 0.193 0.170 --0.0177 --0o
----0.039 ----0.197 0.252 0.173 0.026 0.0240 -----
0.047 0.006 0.041 0.012 0.0080 0.201 0.201 0.177 --0.0295 0.003 8o
1. CONTROLLING DIMENSION: MILLIMETERS 2. LEAD FRAME MATERIAL: OLIN C7025/EFTEC 64T 3. DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, TIE BAR BURRS AND GATE BURRS. MOLD FLASH, TIE BAR BURRS AND GATE BURRS SHALL NOT EXCEED 0.006" [0.15 MILLIMETERS] PER END. DIMENSION "E1" DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" [0.25 MILLIMETERS] PER SIDE. 4. DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.003" [0.08 MILLIMETERS] TOTAL IN EXCESS OF THE "b" DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.0028" [0.07 MILLIMETERS] 5. TOLERANCE:
0.010" [0.25 MILLIMETERS] UNLESS OTHERWISE SPECIFIED.
6. OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPEC. 7. REFERENCE DOCUMENT: JEDEC SPEC MO-153
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 8 of 9 V 0.1
Advanced Analog Technology, Inc.
AAT7203
ORDERING INFORMATION
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 9 of 9 V 0.1


▲Up To Search▲   

 
Price & Availability of AAT7203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X